Part Number Hot Search : 
AP4435G ST735SCN NLX1G57 ADTR2 21A56 123KH 76PSB10 ATS04
Product Description
Full Text Search
 

To Download 2SA1128 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1128
Silicon PNP epitaxial planer type
For low-frequency output amplification
Unit: mm
5.00.2 4.00.2
q q
Low collector to emitter saturation voltage VCE(sat). Optimum for low-voltage operation and for converter circuits.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings -25 -20 -7 -1 - 0.5 600 150 -55 ~ +150 Unit V V V A A mW C C
13.50.5
5.10.2
s Features
0.45 -0.1 1.27
+0.2
0.45 -0.1
1.27
+0.2
123
2.30.2
2.540.15
1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE1 hFE2 VCE(sat) VBE(sat) fT Cob
*1
Conditions VCB = -25V, IE = 0 VCE = -20V, IB = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -0.5A*2 VCE = -2V, IC = -1A*2 IC = -500mA, IB = -50mA*2 IC = -500mA, IB = -50mA*2 VCB = -10V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz
min
typ
max -100 -1
Unit nA A V V V
-25 -20 -7 90 25 - 0.4 -1.2 150 15
*2
220
V V MHz
25
pF
Pulse measurement
*1h
FE
Rank classification
Q 90 ~ 155 R 130 ~ 220
Rank hFE1
Note) S Rank VCEO 18V.
1
Transistor
PC -- Ta
800 -1.2 Ta=25C 700 -1.0 600 500 400 300 200 100 0 0 20 40 60 80 100 120 140 160 0 0 -1 -2 -3 -4 -5 -6 IB=-10A
2SA1128
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (mW)
Collector current IC (A)
- 0.8
-9A -8A -7A -6A -5A -4A -3A -2A -1A
- 0.6
- 0.4
- 0.3 - 0.1 - 0.03
Ta=75C 25C -25C
- 0.2
- 0.01 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-100
hFE -- IC
IC/IB=10 600 VCE=-2V 320
fT -- IE
VCB=-10V Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
500
Transition frequency fT (MHz)
-1 -3 -10
-30 -10 -3 -1 Ta=-25C 75C 25C
Forward current transfer ratio hFE
280 240 200 160 120 80 40
400
300
Ta=75C 25C
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
200
-25C
100
-1
-3
-10
0 - 0.01 - 0.03 - 0.1 - 0.3
0 0.1
0.3
1
3
10
30
100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
80
Collector output capacitance Cob (pF)
70 60 50 40 30 20 10 0 -1
IE=0 f=1MHz Ta=25C
-3
-10
-30
-100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SA1128

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X